Part Number Hot Search : 
MAX5946A DPT743G V10Z1 SMBJ24 01500 82219 LH5225 XXXXZ
Product Description
Full Text Search
 

To Download SU200-01A-TO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SU200-01A-TO SU200-01A-SM Large Area InGaAs APDs
The largest commercially available InGaAs APD, the SU200-01A is ideal for 1.25 Gbps free space optical communications Tomography. laser range-finding packaging applications, OTDR and high resolution Optical Coherence Standard choices are a 5 pin TO-46 header package with BK7 window or die mounted on a 800 x 850 m ceramic submount.
APPLICATIONS
Free Space Optical Communications LADAR/LIDAR range finding Optical Time Domain Reflectometry Optical Coherence Tomography
FEATURES
Large, 200 m active diameter Typical bandwidth over 1 GHz Over 70% QE from 1000 to 1650 nm Available in hermetically sealed 5 pin
TO-46 package or on submount
Vbd, Id over temperature
48 47 46 45 44 43 42 41 40 0 20 40 Temperature (C) Vbd: 60 80 1.E-09 1.E-08 1.E-07 1.E-06
Dark Current at Vbd - 1 (A) Breakdown Voltage (V)
NEP vs gain & temperature
1.E-05
7E-13 6E-13 5E-13
NEP (W/ Hz)
4E-13 3E-13 2E-13 1E-13 0 0 M=12.5 20 M=10 40 Temperature (C) M=7.5 60 M=5 80 M=2.5
Id @ Vbd-1
3490 U.S. Route 1 Princeton, New Jersey 08540 Phone: (609) 520-0610 Fax: (609) 520-0638 www.sensorsinc.com info@sensorsinc.com
Doc. No. 4110-0043 Rev. D Sensors Unlimited, Inc. reserves the right to make product design or specification changes without notice, (c)2004. Effective Date: 03-Mar-05
SU200-01A-TO SU200-01A-SM
Parameter Active Diameter APD Breakdown Voltage APD Capacitance APD Gain Factor APD Responsivity Bandwidth (-3 dB) Dark Current Ionization Ratio Series Resistance
SPECIFICATIONS
(VSUPPLY = 3.3 V, Tc = 25 VAPD= Vbd-1 , =15 n C, V 50 m)
Test Conditions Id = 10 A F = 1 MHz M=10 dV(i = 7 mA, i = 4 mA) Symbol D Vbd C M R BW Id k =/ Ro Min 40 10 8 5 Typ 200 50 10 8 1 150 0.4 Max 60 2500 200 60 Unit m V fF A/W GHz nA
ABSOLUTE RATINGS
Parameter Forward Current Operating Case Temperature Range Optical Input Power @ VAPD Reverse Current Storage Case Temperature Range Symbol If Top PIN Ir Tstg Min 0 -40 Typ Max 10 85 -7 1.6 85 Unit mA C dBm mA C
DIMENSIONS: mm [inch]
PIN FUNCTION
TO PACKAGE
1 2 3 4 5
APD Anode NC APD Cathode NC GND
SILICA SUBMOUNT
NOTES: ALL DIMENSIONS: mm [ INCH ] SUBMOUNT PADS HAVE 500 nm OVERLAY OF 99.999% Au BACK-ILLUMINATED PHOTODIODE BUMP BONDED TO SUBMOUNT BACKSIDE COATED WITH 1550 nm AR COATING APD DIAMETER: 200 m CAUTION: ELECTROSTATIC DISCHARGE SENSITIVE SOLDERING TEMPERATURE SHOULD NOT EXCEED 260C FOR MORE THAN 10 SECONDS
ORDERING INFORMATION: SU200-01A-TO InGaAs APD photodiode with 200 active diameter. in TO-46 package m SU200-01A-SM InGaAs APD photodiode with 200 active diameter. on silica submount m
3490 U.S. Route 1 Princeton, New Jersey 08540 Phone: (609) 520-0610 Fax: (609) 520-0638 www.sensorsinc.com info@sensorsinc.com
Doc. No. 4110-0043 Rev. D Sensors Unlimited, Inc. reserves the right to make product design or specification changes without notice, (c)2004. Effective Date: 03-Mar-05


▲Up To Search▲   

 
Price & Availability of SU200-01A-TO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X